Part Number Hot Search : 
00200 00200 AL5DA005 01018 IM11GR 00200 TMP87 M3764
Product Description
Full Text Search
 

To Download B88069X3070C203 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Surge arrester
3-electrode arrester
Series/Type: Ordering code: Version/Date: Version:
T30-A500X B88069X3070C203 Issue 04 / 2007-05-08 01
Content of header bars 1 and 2 of data sheet will be automatically entered in headers and footers! Please fill in the table and then change the color to "white" (or invisible). This ensures that the table disappears for the customer PDF. To update the data sheet, click on the symbol "Preview" and then "Close". Please do not alter the header or footer when copying the content.
Identification/Classification 1: (header 1 + top left header bar) Identification/Classification 2: (header 2 + bottom left header bar) Ordering code: (top right header bar) Series/Type: (top right header bar) Preliminary data (optional): (if necessary) Department: Date: KB AB E / KB AB PM Issue 04 / 2007-05-08 Surge arrester 3-electrode arrester B88069X3070C203 T30-A500X
(c) EPCOS AG 2007. Reproduction, publication and dissemination of this document, enclosures hereto and the information contained therein without EPCOS' prior express consent is prohibited.
Surge arrester 3-electrode arrester
B88069X3070C203 T30-A500X
Features Very small size Extremely fast response time High current rating Stable performance over life Extremely low capacitance High insulation resistance RoHS-compatible Electrical specifications DC spark-over voltage 1) 2) 4)
Applications Line protection Station protection Base stations
500 20 < 1100 < 900 < 1400 < 1000 10 30 10 10 2 > 10 < 1.5 < 0.2 ~ 25 ~1 ~ 200 ~ 1.4 -40 ... +90 40/ 90/ 21 500 YY O
500 YY O - Nominal voltage - Year of production - Non radioactive
V % V V V V A A kA kA kA G pF s V A V g C
Impulse spark-over voltage 4) at 100 V/s - for 99 % of measured values - typical values of distribution at 1 kV/s - for 99 % of measured values - typical values of distribution 50 Hz; 1 s 5) 50 Hz; 0.18 s (9 cycles) 5) 8/20 s 5) 8/20 s 5) 10/350 s 5)
Service life 10 operations 1 operation 10 operations [5x (+) & 5x (-)] 1 operation 1 operation Insulation resistance at 100 Vdc 4) Capacitance at 1 MHz
4)
Transverse delay time 3) Arc voltage at 1 A Glow to arc transition current Glow voltage Weight Operation and storage temperature Climatic category (IEC 60068-1) Marking, blue negative
KB AB E / KB AB PM Please read Cautions and warnings and Important notes at the end of this document. Page 2 of 4
Issue 04 / 2007-05-08
Surge arrester 3-electrode arrester
B88069X3070C203 T30-A500X
1) 2)
At delivery AQL 0.65 level II, DIN ISO 2859 In ionized mode 3) Test according to ITU-T Rec. K.12 4) Tip or ring electrode to center electrode 5) Total current through center electrode, half value through tip respectively ring electrode. Terms in accordance with ITU-T Rec. K.12 and DIN 57845/VDE0845
Dimensional drawing
Not to scale Dimensions in mm Non controlled document
Cautions and warnings Surge arresters must not be operated directly in power supply networks. Surge arresters may become hot in case of longer periods of current stress (danger of burning). Surge arresters may be used only within their specified values. In case of overload, the head contacts may fail or the component may be destroyed. Damaged surge arresters must not be re-used.
KB AB E / KB AB PM Please read Cautions and warnings and Important notes at the end of this document. Page 3 of 4
Issue 04 / 2007-05-08
Important notes
The following applies to all products named in this publication: 1. Some parts of this publication contain statements about the suitability of our products for certain areas of application. These statements are based on our knowledge of typical requirements that are often placed on our products in the areas of application concerned. We nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our products for a particular customer application. As a rule, EPCOS is either unfamiliar with individual customer applications or less familiar with them than the customers themselves. For these reasons, it is always ultimately incumbent on the customer to check and decide whether an EPCOS product with the properties described in the product specification is suitable for use in a particular customer application. 2. We also point out that in individual cases, a malfunction of passive electronic components or failure before the end of their usual service life cannot be completely ruled out in the current state of the art, even if they are operated as specified. In customer applications requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of a passive electronic component could endanger human life or health (e.g. in accident prevention or life-saving systems), it must therefore be ensured by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of malfunction or failure of a passive electronic component. 3. The warnings, cautions and product-specific notes must be observed. 4. In order to satisfy certain technical requirements, some of the products described in this publication may contain substances subject to restrictions in certain jurisdictions (e.g. because they are classed as "hazardous"). Useful information on this will be found in our Material Data Sheets on the Internet (www.epcos.com/material). Should you have any more detailed questions, please contact our sales offices. 5. We constantly strive to improve our products. Consequently, the products described in this publication may change from time to time. The same is true of the corresponding product specifications. Please check therefore to what extent product descriptions and specifications contained in this publication are still applicable before or when you place an order. We also reserve the right to discontinue production and delivery of products. Consequently, we cannot guarantee that all products named in this publication will always be available.
6. Unless otherwise agreed in individual contracts, all orders are subject to the current version of
the "General Terms of Delivery for Products and Services in the Electrical Industry" published by the German Electrical and Electronics Industry Association (ZVEI). 7. The trade names EPCOS, EPCOS-JONES, Alu-X, Baoke, CeraDiode, CSSP, MLSC, PhaseCap, PhaseMod, SIFERRIT, SIFI, SIKOREL, SilverCap, SIMID, SIOV, SIP5D, SIP5K, UltraCap, WindCap are trademarks registered or pending in Europe and in other countries. Further information will be found on the Internet at www.epcos.com/trademarks.
Page 4 of 4


▲Up To Search▲   

 
Price & Availability of B88069X3070C203

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X